PART |
Description |
Maker |
CY27H010-30ZC CY27H010-35JC CY27H010-35WMB CY27H01 |
128K x 8 High-Speed CMOS EPROM 128K x 8 High-Speed CMOS EPROM 128K X 8 OTPROM, 35 ns, PQCC32 128K x 8 High-Speed CMOS EPROM 128K X 8 OTPROM, 35 ns, PDSO32 128K x 8 High-Speed CMOS EPROM 128K X 8 OTPROM, 30 ns, PDIP32 128K x 8 High-Speed CMOS EPROM 128K X 8 OTPROM, 30 ns, PQCC32 From old datasheet system
|
Cypress Semiconductor, Corp. Atmel, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
KM68V1002CI |
128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating)(128K x 8位高速CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
IC62C1024 IC62C1024-35TI IC62C1024-35W IC62C1024-3 |
128K X 8 HIGH SPEED CMOS STATIC RAM 128K X 8 HIGH SPEED CMOS STATIC RAM 128K的乘八高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 55ns; 5V; 128K x 8 high-speed CMOS static RAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
IS62C1024-35Q IS62C1024-35QI IS62C1024 16_62C1024 |
70ns; 5V; 128K x 8 high-speed CMOS static RAM Micro LED; LED Color:Red Orange; Luminous Intensity:80ucd; Viewing Angle:140 ; Forward Voltage:2.2V; Color:Red/Orange; Package/Case:1210; Reel Quantity:3000; Wavelength:630nm RoHS Compliant: Yes 128K的8高速CMOS静态RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K的8高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM
|
Advanced Interconnections, Corp. SIEMENS AG Integrated Silicon Solution, Inc. ICSI[Integrated Circuit Solution Inc] Integrated Circuit Solu...
|
LY61L1288RL-15E LY61L1288RL-10I LY61L1288RL-12 LY6 |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
LY611024 LY611024E LY611024I LY611024JL LY611024JV |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
K6R1016C1D-JECII10/12 K6R1016V1D-JTICI08/10 K6R101 |
64K*16 bit high-speed CMOS static RAM operated at commercial and industrial temperature ranges 128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating) Data Sheet 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 在商业和工业温度范围运作64Kx16位高速CMOS静态RAM3.3V的) 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 64Kx16位高速CMOS静态RAM.3V的)在商业和工业温度范围操作
|
Samsung Electronic Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
29C010 AT29C010A-90 AT29C010A-70 AT29C010-XXX AT29 |
High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 70 ns, PDIP32 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-TSSOP -55 to 125 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDIP32
|
Atmel Corp. Atmel, Corp.
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
EDI8L32128C12AI EDI8L32128C15AI EDI8L32128C20AI ED |
15ns; 5V power supply; 128K x 32 CMOS high speed static RAM 20ns; 5V power supply; 128K x 32 CMOS high speed static RAM 17ns; 5V power supply; 128K x 32 CMOS high speed static RAM
|
White Electronic Designs
|